Part Number Hot Search : 
89C51RD2 UF4001 STTH208U 1062254 111H601C 1N1082 BL55080 ZM4739A
Product Description
Full Text Search
 

To Download S101031MS08DB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  iC8 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide s series slide switches models available features/benefits ? 6 to 15 amps ? enclosed housing ? pc and snap-in panel mounting ? reversing option ? rohs compliant typical applications ? portable tools ? small appliances ? floor care products specifications contact rating: q contact material (s1xx, s2xx models): 6 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa). (s5xx, s6xx models): 12 amps @125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa). (s7xx, s8xx models): 15 amps @ 125 v ac; 6amps @ 250 v ac (ul/csa). see page j-31 for additional ratings. electrical life: 10,000 make-and-break cycles at full load. contact resistance: below 10 m typ. initial @ 2-4 v dc, 100 ma, for both silver and gold plated contacts. insulation resistance: 10 9 min. dielectric strength: 1,000 vrms min. @ sea level. operating temperature: -30o to +65? storage temperature: -30o to +85? build-a-switch to order, simply select desired option from each category and place in the appropriate box. available options are shown and described on pages iC9 thr ough iC2. for additional options not shown in catalog, consult customer service center . materials housing: 6/6 nylon (ul94v-2), black. top plate: 6/6 nylon (ul94v-2), black. actuator: 6/6 nylon (ul94v-2), black (standard). contacts: q contact material: copper, silver plated. see page i-31 for additional contact materials. terminals: q contact material: copper, silver plated. see page i-31 for additional contact materials. contact spring: music wire or stainless steel. terminal seal: epoxy. note: any models supplied with q, b or g contact material are rohs compliant. note: specifications and materials listed above ar e for switches with standar d options. for information on specific and custom switches, consult customer service center . switch function s101 spst , 6 amps s202 (dpdt, 6 amps s802 dpdt , 15 amps s102 spdt, 6amps s112 spdt, mom., 6 amps s201 dpst, 6 amps s602 dpdt, 12 amps s701 spst , 15 amps s702 spdt, 15 amps mounting style ss p anel with mounting ears ms pc thru-hole s2 snap-in panel with blacktop plate ts p anel with mounting ears detent 1 with detent 2 without detent actuator 03 .335" high 04 .500" high 09 .250" high 12 screwdriver slot (with marking) 13 screwdriver slot (without marking) c2 black cap c3 red ca p c5 yellow cap contact material q silver b gold g gold over silver seal none no seal e epoxy seal housing markings none no markings d on-off l on m on-off n red rectangle on one end t erminations 03 solder lug with hole 02 pc thru-hole 04 pc thru-hole 07 quick connect 08 pc thru-hole wc wire lead
i slide iC9 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com s series slide switches switch function actua tor c2; c3; c5 snap-on cap 13 screwdriver slot (without marking) 12 screwdriver slot (with marking) 09 .250" high 03 .335" high 04 .500" high part number shown: s101031ss03q note: and mom. in table indicates momentary action. all models with all options when ordered with ?r ??otact material. contacts make on side actuator thr own. note: standard actuator color is black, other colors available, consult customer service center. alternate heights ar e available with 3, 04 and 09?ctuators, consult customer service center. models with s2 mounting style, subtract .090 (2, 29). actuators 2?nd ?3are available with dpst and dpdt models only. part number shown: s202031ss03q white 115-230 markings (std.). without markings. a vailable with s2 mounting style only. note: actuator finish: matte. if no color is specified, black will be supplied. colored actuator caps may also be or der ed separately and user installed, see page i-32. c2 black c3 red c5 yellow c1-ct cap color option code2 s1 0 1 6 sp s tss s1 0 2 6 sp d t ms , ss s1 1 2 6 sp d t -mo m . ms , ss s7 0 1 15 sp s t s1 , s2 , s3 , st s7 0 2 15 sp d t s1 , s2 , s3 , st sp av ail a bl e mounting styles sch e matic sw itc h functi on am p r ating model no . no . poles s2 0 1 6 dp s t ms , ss ,t s s2 0 2 6 dp d t ms , ss , t s s6 0 2 12 dp d t ms , ss , t s s8 0 2 15 dp d t s1 , s2 , s3 , st dp av ai l ab l e mo u nt i ng st y le s sc h ema ti c sw i tc h fu n ct i on am p r a ti n g mo d el no . no . pol e s spst dpdt
iC0 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide s series slide switches detent mounting style p anel mounting p anel thickness : .020(0,57)C200(5,08) p anel mounting s2 snap-in panel ss panel with mounting ears 2 without detent 1 with detent ms pc thru-hole s202031ss03q dpdt s202031ms02q dpdt s802c21s207q dpdt standar d with all maintained models: s101, s102, s201, s202, s602, s701, s702, and s802. standar d with all momentary models: s112. available with: models: s101, s102, s112, s201, s202 and s602 terminations: all except 08 actuators: 03, 04, 09, 12* and 13*. *12 and 13 actuators not available with s1xx models. available with: models: s101, s102, s112, s201, s202, s602 t erminations: 02, 04 and 08 actuators: 03, 04, 09, 12* and 13* *12 and 13 actuators available with s201, s202 and s602 models only. pc mounting for mounting information, see terminations section, page i-31. available with: models: s701, s702, and s802 terminations: 04, 07, 57 and wc actuators: c2, c3, c5 and 03
i slide iC1 dimensions are shown: inches (mm) specifications and dimensions subject to change www.ck-components.com s series slide switches mounting style p anel mounting .118 .015 (3,00 0,38) .368 .015 (9,35 0,38) .113 .015 (2,87 0,38) .140 (3,56) .503 .015 (12,78 0,38) pc mounting 08 terminations with ms mounting style. 02 & 04 terminations ts p anel with mounting ears 08 pc thru-hole wc wire lead 07 quick connect 04 pc thru-hole 03 solder lug with hole 02 pc thru-hole termina tions available with: models: s201, s202, and s602 t erminations: all actuators: 03, 04 and 12. recommended with s mounting style only. ms mounting style only. note: all terminals on s1xx, s2xx and s6xx models are .020 (0,51) thick; all terminals on s7xx and s8xx models are .031 (0,79) thick. recommended with double pole models only. 18 a wg wir e for s1xx and s2xx models. 16 a wg wir e for all other models. black wire standard, other colors and lengths available, consult customer service center. ul style 1015. s202031ts03q dpdt
iC2 dimensions are shown: inch (mm) specifications and dimensions subject to change www.ck-components.com i slide note: any models supplied with q, b or g contact material ar e rohs compliant. s series slide switches top plate markings cont act material seal available hardware epoxy .075 max. (1,91) e epoxy seal none no seal n red rect angle on one end m on-off l on d on-off none no markings 1 contacts & terminals: copper, with gold plate over nickel plate. 2 contacts & terminals: copper, silver plated (standard with all termination options). 3 cont acts & terminals: copper, with gold plate over nickel plate over silver plate. note: top plate markings are available with 2?ounting style only. the marking color on all top plates with marking options , l and m?s white, standard. (except white top plates: marking color is black, standard). the marking color on all top plates with ?arking option is red, standard. other marking colors ar e available, consult customer service center. note: orientation of actuator markings and terminals. all models with all options when ordered with ?r ??otact material. note: ?ontact material is equivalent to both ??n ??cotct materials. cap, c2; c3 actuators p ar t no. 121160100 white 121160200 black 121160300 red material: 6/6 nylon finish: matte cap, 03 actuator p ar t no. 121000101 white 121000102 black 121000103 red material: 6/6 nylon finish: gloss note: other cap colors available, consult customer service center . * note: see t echnical data section of this catalog for rohs compliant and compatible definitions and specifications. s1xx, s2xx models: 0.4 va max. @ 20 v ac or dc max. or 6 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa). s6xx models: 0.4 v a max. @ 20 v ac or dc max. or 12 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa).s7xx, s8xx models: 0.4 v a max. @ 20 v ac or dc max. or 15 amps @ 125 v ac; 6 amps @ 250 v ac (ul/csa). 0.4 va max. @20 v ac or dc max. s1xx, s2xx models: 6 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa). s6xx models: 12 amps @ 125 v ac; 6 amps @ 250 v ac; 1 amp @ 125 v dc (ul/csa).s7xx, s8xx models: 15 amps @ 125 v ac; 6 amps @ 250 v ac (ul/csa). low level/dry circuit or power power low level/dry circuit gold over sil ver 3 gold 1 sil ver 2 option code ratings contact ma terial q b g


▲Up To Search▲   

 
Price & Availability of S101031MS08DB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X